Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TUSB2E221I1005VBWR Datasheet(PDF) 44 Page - Texas Instruments

No. de pieza TUSB2E221I1005VBWR
Descripción Electrónicos  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221I1005VBWR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB2E221I1005VBWR Datasheet HTML 40Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 41Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 42Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 43Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 44Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 45Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 46Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 47Page - Texas Instruments TUSB2E221I1005VBWR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-19. U_DISCONNECT_SQUELCH_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-4
U_DISCONNECT_THR
ESHOLD_P1
RH/W
7h
Y
VHSDSC adjustment
USB Minimum HS HOST Disconnect Threshold
(0% to +57% in approximately 3.7% steps)
Default through OTP
0h = 525mV (minimum), 0% (hw default)
1h = 545mV (minimum), +4%
2h = 565mV (minimum), +8%
3h = 585mV (minimum), +11%
4h = 605mV (minimum), +15%
5h = 625mV (minimum), +19%
6h = 645mV (minimum), +23%
7h = 665mV (minimum), +27%
8h = 685mV (minimum), +31%
9h = 705mV (minimum), +34%
Ah = 725mV (minimum), +38%
Bh = 745mV (minimum), +42%
Ch = 765mV (minimum), +46%
Dh = 785mV (minimum), +50%
Eh = 805mV (minimum), +53%
Fh = 825mV (minimum), +57%
3
RESERVED
RH/W
0h
Reserved
2-0
U_SQUELCH_THRESH
OLD_P1
RH/W
4h
Y
VHSSQ Adjustment
USB Squelch Detection Min Threshold (+30% to -15% in
approximately 6.5% steps)
Default through OTP
0h = 130mV (minimum), +30%
1h = 124mV (minimum), +24%
2h = 117mV (minimum), +17%
3h = 111mV (minimum), +11%
4h = 104mV (minimum), +4% (hw default)
5h = 98mV (minimum), -2%
6h = 91mV (minimum), -9%
7h = 85mV (minimum), -15%
9.1.18 E_HS_TX_PRE_EMPHASIS_P1 Register (Offset = 77h) [Reset = 40h]
E_HS_TX_PRE_EMPHASIS_P1 is shown in Table 9-20.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com