Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TUSB2E2211005VBWR Datasheet(PDF) 27 Page - Texas Instruments

No. de pieza TUSB2E2211005VBWR
Descripción Electrónicos  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB2E2211005VBWR Datasheet HTML 23Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 24Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 25Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 26Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 27Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 28Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 29Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 30Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
Table 8-2. eUSB2 to USB Mapping
CROSS = 0
CROSS = 1
eUSB0 (eDP0, eDN0)
USBA (DPA, DNA)
USBB (DPB, DNB)
eUSB1 (eDP1, eDN1)
USBB (DPB, DNB)
USBA (DPA, DNA)
8.4.9 USB 2.0 High-Speed HOST Disconnect Detection
USB 2.0 specification does not specify high-speed output differential swing VOD during disconnect without
external load. Only chirp level and HS host disconnect threshold are specified. Specification implicitly assumes
high-speed output differential swing VOD doubles during disconnect. However, the high-speed output differential
swing during disconnect depends on the USB 2.0 TX output swing and pre-emphasis setting, as the common-
mode voltage increase can saturate the output swing level and may not double.
The high-speed host disconnect threshold can be adjusted to provide the most margin to avoid false disconnect
as well as failure to detect a disconnect. See Table 8-3.
Table 8-3. Recommended USB 2.0 High-Speed HOST Disconnect Thresholds per USB HSTX Amplitude
and Pre-Emphasis
USB HS TX Pre-Emphasis
USB HS TX
Amplitude (Vp-p)
0.5dB (0h)
0.9dB (1h)
1.2dB (2h)
1.7dB (3h)
2.1dB (4h)
2.5dB (5h)
740mV (0h )
545mV (1h)
545mV (1h)
545mV (1h)
545mV (1h)
545mV (1h)
545mV (1h)
760mV (1h )
565mV (2h)
565mV (2h)
565mV (2h)
565mV (2h)
565mV (2h)
565mV (2h)
780mV (2h )
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
800mV (3h )
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
820mV (4h )
605mV (4h)
605mV (4h)
605mV (4h)
605mV (4h)
605mV (4h)
605mV (4h)
840mV (5h )
625mV (5h)
625mV (5h)
625mV (5h)
625mV (5h)
625mV (5h)
625mV (5h)
860mV (6h )
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
625mV (5h)
625mV (5h)
880mV (7h )
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
900mV (8h )
665mV (7h)
665mV (7h)
665mV (7h)
665mV (7h)
665mV (7h)
645mV (6h)
920mV (9h )
685mV (8h)
685mV (8h)
685mV (8h)
665mV (7h)
665mV (7h)
665mV (7h)
940mV (Ah )
685mV (8h)
685mV (8h)
685mV (8h)
685mV (8h)
665mV (7h)
665mV (7h)
960mV (Bh )
705mV (9h)
705mV (9h)
705mV (9h)
685mV (8h)
685mV (8h)
665mV (7h)
980mV (Ch )
725mV (Ah)
705mV (9h)
705mV (9h)
705mV (9h)
685mV (8h)
685mV (8h)
1000mV (Dh )
725mV (Ah)
725mV (Ah)
705mV (9h)
705mV (9h)
685mV (8h)
685mV (8h)
1020mV (Eh )
725mV (Ah)
725mV (Ah)
725mV (Ah)
705mV (9h)
705mV (9h)
685mV (8h)
1040mV (Fh )
745mV (Bh)
725mV (Ah)
725mV (Ah)
705mV (9h)
705mV (9h)
685mV (8h)
8.4.10 Frame Based Low Power Mode
The USB2.0 standard defines high-speed microframes that occur every 125μs. Using a patented design, the
TUSB2E221 monitors idle conditions within every high-speed microframe. The TUSB2E221 enters a low power
state if the bus is idle for greater than 7.8125μs and remains in the low power state until the start of the
next μSOF. This feature is enabled by default and can be disabled by clearing HOST_FRAME_LP_EN_Px or
DEVICE_FRAME_LP_EN_Px bits.
Table 8-4 shows an example of the typical high-speed idle power the TUSB2E221 consumes based on whether
or not the frame based low power is enabled. These results assume the TUSB2E221 is in host repeater mode.
Table 8-4. Typical Single Port High-Speed Idle Power for Frame Base LP Mode
HOST_FRAME_LP_EN_Px
1.8V CURRENT (mA)
3.3V CURRENT (mA)
0 (Disabled)
56
2.8
1 (Enabled)
12
2.0
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com