Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F101RBU6 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STM32F101RBU6
Descripción Electrónicos  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RBU6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F101RBU6 Datasheet HTML 5Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 6Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 7Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 8Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 9Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 10Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 11Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 12Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
DocID13586 Rev 17
9/101
STM32F101x8, STM32F101xB
Introduction
100
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F101x8 and STM32F101xB medium-density access line microcontrollers. For
more details on the whole STMicroelectronics STM32F101xx family, please refer to
Section 2.2: Full compatibility throughout the family.
The medium-density STM32F101xx datasheet should be read in conjunction with the low-,
medium- and high-density STM32F10xxx reference manual.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming manual.
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Cortex® -M3 core please refer to the Cortex® -M3 Technical
Reference Manual, available from the www.arm.com website.