| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PRO560LM Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
PRO560LM Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 7 page ![]() KEY FEATURES: ULTRA HEAVY-DUTY LOAD CAPACITY with premium geometric performance Ironless, cogless linear motor delivers SMOOTH, ULTRA-PRECISE MOTION EXCELLENT POSITIONING & DYNAMIC CAPABILITIES in a cost-effective package BEST-IN-CLASS GEOMETRIC PERFORMANCE ensures superior workpoint accuracy Rugged, reliable construction is ideal for VERSATILE INDUSTRIAL USE Hardcover & side seals offer PROTECTION AGAINST CONTAMINATION & PARTICULATES ThermoComp® option automatically COMPENSATES FOR THERMAL DISTURBANCES VACUUM- & CLEANROOM-COMPATIBLE versions available Precise, Reliable & Adaptable The PRO560LM is a wide-body industrial stage with an exceptional payload-carrying capacity. Compared to PRO280LM, PRO560LM offers improved angular and geometric performance thanks to its wider bearing separation, making it an excellent base axis for a multi-axis stage assembly. Combining superior craftsmanship and the highest quality components, PRO560LM stages consistently and reliably deliver best-in-class positioning performance. Key Applications PRO560LM mechanical bearing, direct-drive linear stages are extremely versatile, trusted and proven in medium- and high- performance applications, such as: Laser material processing Precision metrology, inspection & microscopy Electronics & circuit board manufacturing & inspection Display processing Synchrotron & light source experiments Medical device manufacturing Semiconductor fabrication Fiber optics & silicon photonics processing Additive manufacturing & precision assembly Mechanical Bearing, Direct-Drive Linear Stage PRO560LM |
Número de pieza similar - PRO560LM |
|
Descripción similar - PRO560LM |