Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ALAR250XP-M1 Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

No. de pieza ALAR250XP-M1
Descripción Electrónicos  Large Aperture Rotary Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Página de inicio  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ALAR250XP-M1 Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ALAR250XP-M1 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M1 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M1 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M1 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR250XP-M1 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
aerotech.com
ALAR-XP SPECIFICATIONS
1. Resolution assumes -AS encoder with 2000x controller multiplication.
2. Certified with each stage. Requires the use of an Aerotech controller.
3. Repeatability and accuracy are dependent on encoder selection. To achieve the listed specifications, the electrical resolution should be 0.2 arc sec or smaller.
4. Maximum speed assumes a bus voltage of 320 VDC.
5. Digital RS422 encoder options will limit maximum speed below the listed value. Contact factory for specific stage and encoder speed combination.
Mechanical Specifications
ALAR250XP-M1
ALAR250XP-M2
ALAR325XP-M1
ALAR325XP-M2
Travel
Continuous (optional 340° max. limited travel)
Aperture
250 mm
325 mm
Resolution (Min. Incremental Motion)(1)
0.05 µrad (0.01 arc sec)
0.04 µrad (0.009 arc sec)
Accuracy(2)(3)
± 9.7 µrad (± 2 arc sec)
Bidirectional Repeatability(3)
± 2.4 µrad (± 0.5 arc sec)
Tilt-Error Motion
9.7 µrad (2.0 arc sec)
Maximum Speed(4,5)
180 rpm
100 rpm
Maximum Torque
548.6 N•m
731.5 N•m
833.0 N•m
1110.7 N•m
Continuous Torque
64.2 N•m
85.6 N•m
107.4 N•m
143.1 N•m
Axial Load
4950 N
5825 N
Radial Load
5200 N
6650 N
Moment Load
1825 N•m
2650 N•m
Shaft Inertia
0.89 kg•m2
1.71 kg•m2
Shaft Inertia with Limits
0.96 kg•m2
1.82 kg•m2
Stage Mass
100 kg
104 kg
125 kg
130 kg
Stage Mass with Limits
104 kg
108 kg
129 kg
134 kg
Electrical Specifications
ALAR250XP-M1
ALAR250XP-M2
ALAR325XP-M1
ALAR325XP-M2
Motor
Brushless Slotless
Continuous Current
Apk
11.2
14.9
11.3
15.1
Arms
7.9
10.6
8.0
10.7
Peak Current, Stall
Apk
95.7
127.6
87.8
117.1
Arms
67.7
90.2
62.1
82.8
Bus Voltage
Up to 340 VDC
Incremental Encoder Line Count
64,800 lines/rev
76,800 lines/rev
Limit Switches(1)
5 V, normally closed
1. Limited travel options only.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com