Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H533CEI7TR Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza STM32H533CEI7TR
Descripción Electrónicos  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEI7TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32H533CEI7TR Datasheet HTML 9Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 10Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 11Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 12Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 13Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 14Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 15Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 16Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 231 page
background image
DS14539 Rev 1
13/231
STM32H533xx
Introduction
13
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32H533xx microcontrollers.
For information on the device errata with respect to the datasheet and reference manual,
refer to the STM32H533xx errata sheet.
For information on the Arm®(a) Cortex®-M33 core, refer to the Cortex®-M33
Technical Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.