Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCC4046B Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza HCC4046B
Descripción Electrónicos  MICRMICROPOWER PHASE-LOCKED LOOP _
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4046B Datasheet(HTML) 3 Page - STMicroelectronics

  HCC4046B Datasheet HTML 1Page - STMicroelectronics HCC4046B Datasheet HTML 2Page - STMicroelectronics HCC4046B Datasheet HTML 3Page - STMicroelectronics HCC4046B Datasheet HTML 4Page - STMicroelectronics HCC4046B Datasheet HTML 5Page - STMicroelectronics HCC4046B Datasheet HTML 6Page - STMicroelectronics HCC4046B Datasheet HTML 7Page - STMicroelectronics HCC4046B Datasheet HTML 8Page - STMicroelectronics HCC4046B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
input over the full VCO frequency range. Moreover,
the power dissipation due to the low-pass filter is re-
duced when this type of phase comparator is used
because both the p- and n-type output drivers are
OFF for most of the signal input cycle. It should be
noted that the PLL lock range for this type of phase
comparator is equal to the capture range, inde-
pendent of the low-pass filter. With no signal present
at the signal input, the VCO is adjusted to its lowest
frequency for phase comparator II. Fig. (c) shows
typical waveforms for a COS/MOS PLL employing
phase comparator II in a locked condition.
Figure a : Phase-Comparator I Characteristics at
Low-Pass Filter Output.
Figure b : Typical Waveforms for COS/MOS Phase
Locked-Loop Employing Phase Com-
parator I in Locked Condition of fo.
Figure C : Typical Waveforms For COS/MOS Phase-locked Loop Employing Phase Comparator II In
Locked Condition.
HCC/HCF4046B
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13