Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3435CGLEFDDFR Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS3435CGLEFDDFR
Descripción Electrónicos  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 3Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 4Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 5Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 10Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted(1)
MIN
MAX
UNIT
Voltage
VDD
–0.3
6.5
V
Voltage
CWD, CRST, WD–EN, SETx, WDI, MR (2), WDO (Push Pull)
–0.3
VDD+0.3 (3)
V
WDO (Open Drain)
–0.3
6.5
Current
WDO pin
–20
20
mA
Temperature (4)
Operating ambient temperature, TA
–40
125
℃
Temperature
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR.
(3)
The absolute maximum rating is (VDD + 0.3)V or 6.5V, whichever is smaller
(4)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Voltage
VDD (Active Low output)
0.9
6
V
CWD, CRST, WD–EN, SETx, WDI, MR (1)
0
VDD
WDO (Open Drain)
0
6
WDO (Push Pull)
0
VDD
Current
WDO pin current
–5
5
mA
CRST
CRST pin capacitor range
1.5
1800
nF
CWD
CWD pin capacitor range
1.5
1000
nF
TA
Operating ambient temperature
–40
125
℃
(1)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR. VMR should not be higher than VDD.
www.ti.com
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com