Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3435CGLEFDDFR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS3435CGLEFDDFR
Descripción Electrónicos  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 2Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 3Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 4Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 5Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Table 5-1. Pin Functions
PIN
NAME
PIN NUMBER
I/O
DESCRIPTION
PINOUT A PINOUT B PINOUT C PINOUT D
CRST
3
3
—
—
I
Programmable reset timeout pin. Connect a capacitor between this pin and GND to
program the reset timeout period. See Section 7.3.4 for more details.
CWD
2
2
—
—
I
Programmable watchdog timeout input. Watchdog timeout is set by connecting a
capacitor between this pin and ground. See Section 7.3.2.1 for more details.
GND
4
4
4
4
—
Ground pin
MR
1
—
2
—
I
Manual reset pin. A logic low on this pin asserts the RESET. See Section 7.3.3 for
more details.
RESET
7
7
7
7
O
Reset output. Connect RESET to VDD using a pull up resistance when using open
drain output. RESET is asserted when the voltage at the VDD pin goes below the
undervoltage threshold (VIT-) or MR pin is driven LOW. For pinout options which do
not support independent WDO pin, RESET is also asserted for watchdog error. See
Section 7.3.4 for more details.
SET0
5
1
1
1
I
Logic input. SET0, SET1, and WD-EN pins select the watchdog timer scaling and
enable-disable the watchdog; see Section 7.3.2.4 for more details.
SET1
—
5
5
5
I
Logic input. SET0, SET1, and WD-EN pins select the watchdog timer scaling and
enable-disable the watchdog; see Section 7.3.2.4 for more details.
VDD
8
8
8
8
I
Supply voltage pin. For noisy systems, connecting a 0.1µF bypass capacitor is
recommended.
WD-EN
—
—
6
2
I
Logic input. Logic high input enables the watchdog monitoring feature. See Section
7.3.2.2 for more details.
WDI
6
6
3
3
I
Watchdog input. A falling transition (edge) must occur at this pin before the timeout
expires in order for RESET / WDO to not assert. See Section 7.3.2 for more details.
WDO
—
—
—
6
O
Watchdog output. Connect WDO to VDD using pull up resistance when using open
drain output. WDO asserts when a watchdog error occurs. WDO only asserts when
RESET is high. When a watchdog error occurs, WDO asserts for the set RESET
timeout delay (tD). When RESET is asserted, WDO is deasserted and watchdog
functionality is disabled. See Section 7.3.4 for more details.
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com