Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STTH16L06CTY Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STTH16L06CTY
Descripción Electrónicos  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CTY Datasheet(HTML) 5 Page - STMicroelectronics

  STTH16L06CTY Datasheet HTML 1Page - STMicroelectronics STTH16L06CTY Datasheet HTML 2Page - STMicroelectronics STTH16L06CTY Datasheet HTML 3Page - STMicroelectronics STTH16L06CTY Datasheet HTML 4Page - STMicroelectronics STTH16L06CTY Datasheet HTML 5Page - STMicroelectronics STTH16L06CTY Datasheet HTML 6Page - STMicroelectronics STTH16L06CTY Datasheet HTML 7Page - STMicroelectronics STTH16L06CTY Datasheet HTML 8Page - STMicroelectronics STTH16L06CTY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STTH16L06C-Y
Characteristics
DocID026936 Rev 3
5/12
Figure 7: Relative variations of dynamic
parameters versus junction temperature
Figure 8: Reverse recovery softness factor versus
dlF/dt (typical values, per diode)
Figure 9: Forward recovery time versus dlF/dt
(typical values, per diode)
Figure 10: Transient peak forward voltage versus
dlF/dt (typical values, per diode)
Figure 11: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 12: Thermal resistance, junction to ambient,
versus copper surface under tab
(epoxy FR4, coper thickness = 35 µm)(D2PAK)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
2 00
2 50
300
350
400
450
500
Sfactor
dI /dt(A/µs)
F
I < 2 x I
T =1 25°C
F
F(AV )
j
V =400V
R
0
2 0
4 0
6 0
8 0
10 0
12 0
14 0
16 0
18 0
0
1 0 0
2 0 0
3 00
4 00
5 00
t (ns)
fr
dI /dt(A/µs)
F
I =I
T =1 25 °C
F
F(AV )
j
V
=1 .1 x V max.
F R
F
0
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
0
50
10 0
1 5 0
20 0
25 0
3 00
3 5 0
40 0
45 0
5 0 0
V
(V)
F P
dI /dt(A/µs)
F
I =I
T =12 5°C
F
F(AV )
j
1
1 0
100
1
10
10 0
10 00
C (pF)
V (V)
R
F =1 MH z
V
=3 0 mV
T =25°C
O SC
RM S
j
0
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
0
5
1 0
1 5
2 0
2 5
3 0
3 5
4 0
R
(°C/W)
th (j-a)
S
(c m²)
C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com