| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD4084BBCZ Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4084BBCZ Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 94 page ![]() Data Sheet AD4084 SPECIFICATIONS analog.com Rev. 0 | 5 of 94 Table 1. Specifications (Continued) Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLIES VDD33 3.135 3.30 3.465 V VDDLDO 1.4 2.7 V VDD11 Applied externally, LDO disabled 1.045 1.10 1.155 V IOVDD Applied externally, LDO disabled 1.045 1.10 1.26 V Operating Current LVDS_CNV_EN = 0 Static Converter and interface idle, FIFO disabled VDD33 5.4 7.14 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 16.4 23 mA IOVDD 5.2 6 mA VDDLDO VDD11 LDO enabled 21.5 26.5 mA Dynamic DC input signal VDD33 11.8 13.2 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 21.3 26.5 mA IOVDD 8.7 9.5 mA VDDLDO VDD11 LDO enabled 29.8 35.5 mA Dynamic −0.5dBFS sine-wave input signal VDD33 11 12.3 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 21.7 26.5 mA IOVDD 9.1 9.8 mA VDDLDO VDD11 LDO enabled 28.7 33.8 mA Standby Mode LVDS_SELF_CLK_MODE disabled VDD33 1.4 1.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.6 4.1 mA IOVDD 60 294 µA VDDLDO VDD11 LDO enabled 1.7 3.9 mA Sleep Mode LVDS_SELF_CLK_MODE disabled VDD33 0.6 0.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.2 3.7 mA IOVDD 60 299 µA VDDLDO VDD11 LDO enabled 1.5 4.5 mA Power Dissipation Static VDD11 LDO disabled 41.6 58.9 mW Dynamic DC input signal 68.8 88.3 mW Dynamic −0.5dBFS sine-wave input signal 66.8 85.6 mW Standby Mode VDD11 LDO disabled 6.4 11.7 mW Sleep Mode VDD11 LDO disabled 3.4 7.8 mW TEMPERATURE RANGE Specified Performance TMIN to TMAX −40 +85 °C |