Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431ILPR Datasheet(PDF) 52 Page - Texas Instruments

No. de pieza TL431ILPR
Descripción Electrónicos  TL431, TL432 Precision Programmable Reference
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TL431ILPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TL431ILPR Datasheet HTML 48Page - Texas Instruments TL431ILPR Datasheet HTML 49Page - Texas Instruments TL431ILPR Datasheet HTML 50Page - Texas Instruments TL431ILPR Datasheet HTML 51Page - Texas Instruments TL431ILPR Datasheet HTML 52Page - Texas Instruments TL431ILPR Datasheet HTML 53Page - Texas Instruments TL431ILPR Datasheet HTML 54Page - Texas Instruments TL431ILPR Datasheet HTML 55Page - Texas Instruments TL431ILPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Nov-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL431CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CDR-J
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431CPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431CPKE6
SOT-89
PK
3
1000
180.0
13.0
4.91
4.52
1.9
8.0
12.0
Q3
TL431IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL431IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL431IDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431IDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431IDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431IDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.2
2.85
1.3
4.0
8.0
Q3
TL431IDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431IPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431IPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431QDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL431QDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL431QDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431QDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431QDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431QDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.2
2.85
1.3
4.0
8.0
Q3
TL431QDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL431QDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431QDCKR
SC70
DCK
6
3000
180.0
8.4
2.3
2.5
1.2
4.0
8.0
Q3
TL431QDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431QDCKT
SC70
DCK
6
250
180.0
8.4
2.3
2.5
1.2
4.0
8.0
Q3
TL431QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431QPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432ACDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432ACDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432ACDBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432ACDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.2
2.85
1.3
4.0
8.0
Q3
TL432ACDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432ACDBZT
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432ACDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.2
2.85
1.3
4.0
8.0
Q3
TL432ACDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
2.9
3.35
1.35
4.0
8.0
Q3
TL432AIDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432AIDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85