Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS10120C Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STPS10120C
Descripción Electrónicos  120 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10120C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10120C_V01 Datasheet HTML 1Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 2Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 3Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 4Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 5Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 6Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 7Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 8Page - STMicroelectronics STPS10120C_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current, δ = 0.5, square wave
Tc = 160 °C
Per diode
5
A
Tc = 155 °C
Per device
10
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
120
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
215
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (1)
+175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
Per diode
3.8
°C/W
Total
2.3
Rth(c)
Coupling
0.7
°C/W
When the diodes 1 and 2 are used simultaneously: ΔTj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
6
µA
Tj = 125 °C
-
1
3
mA
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
0.85
V
Tj = 125 °C
-
0.64
0.70
Tj = 25 °C
IF = 10 A
-
0.96
Tj = 125 °C
-
0.73
0.80
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp =380 µs, δ < 2%
To evaluate the conduction losses, use the following equation: P = 0.60 x IF(AV) + 0.02 x IF 2 (RMS)
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPS10120C
Characteristics
DS13723 - Rev 2
page 2/9



Html Pages

1 2 3 4 5 6 7 8 9