Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-R280BE Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza GS-R280BE
Descripción Electrónicos  BATTERY ELIMINATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R280BE Datasheet(HTML) 2 Page - STMicroelectronics

  GS-R280BE Datasheet HTML 1Page - STMicroelectronics GS-R280BE Datasheet HTML 2Page - STMicroelectronics GS-R280BE Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
38 (1.50)
90 (3.54)
52 (2.05)
15 (0.59)
8 (0.31)
6 (0.24)
23 (0.91)
20 (0.79)
5 (0.20)
15 (0.59)
31 (1.22)
103 (4.06)
15 (0.59)
8 (0.31)
6 (0.24)
SM 1.5 x 45º
(0.07 x 45º)
20
(0.79)
5 (0.20)
23 (0.91)
Washer Tip Version
Spring-Loaded Tip Version
12.5
(0.49)
24
(0.94)
23 (0.91)
5 (0.19)
1.5 (0.06)
1 (0.04)
23 (0.95)
20
(0.79)
18
(0.71)
Red (+ Vout)
Black (- Vout)
Coiled cable (both versions)
24
(0.94)
52 (2.05)
4 (0.16)
13.5
(0.53)
28
(1.10)
28
(1.10)
100 (3.94)
approx. 230 (9.06)
Total cable length
(extension max):
2000 (78.7)
European View
Output connector to be defined according to customer specifications
Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
GS-R28.0BE



Html Pages

1 2 3