| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LVC02APWE4 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC02APWE4 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-9760401Q2A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 9760401Q2A SNJ54LVC 02AFK 5962-9760401QCA Active Production CDIP (J) | 14 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9760401QC A SNJ54LVC02AJ 5962-9760401QDA Active Production CFP (W) | 14 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9760401QD A SNJ54LVC02AW SN74LVC02ABQAR Active Production WQFN (BQA) | 14 3000 | LARGE T&R Yes SELECTIVE AG (TOP SIDE) Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ABQAR.A Active Production WQFN (BQA) | 14 3000 | LARGE T&R Yes SELECTIVE AG (TOP SIDE) Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02AD Active Production SOIC (D) | 14 50 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02AD.B Active Production SOIC (D) | 14 50 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ADBR Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02ADBR.A Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02ADBR.B Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02ADR Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ADR.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ADR.B Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ADRG4 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ANSR Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ANSR.A Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02ANSR.B Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC02A SN74LVC02APW Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02APW.B Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02APWE4 Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02APWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A SN74LVC02APWR.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC02A Addendum-Page 1 |