| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L99DZ80EP Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ80EP Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 68 page ![]() Electrical specifications L99DZ80EP 26/68 DocID18260 Rev 6 dVECFDnr (5) Difference voltage between target and ECFD sets flag if VECFD is below it dVECFD =Vtarget (4) - V ECFD; toggle status bit ECV_VNR = ’1‘ 120 mV dVECFDhi above it dVECFD =Vtarget (4) - V ECFD; Toggle status bit ECV_VH = ‘1’I -120 mV 1. Bit ECV_HV ='1' or ‘0’: ECV voltage, where IIECDR can change sign 2. ECV and ECFD share same DAC circuit (see Figure 20, Figure 21). 3. 1 LSB (least significant bit) = 23.8mVtyp 4. Vtarget is set by bits EC<5:0> and bit ECV_HV; tested for each individual bit 5. Not tested since pulling pin ECFD to a low voltage against the internal source follower may lead to an overcurrent at pin ECFD HS. Table 19. Electrochrome mirror driver (continued) Symbol Parameter Test condition Min. Typ. Max. Unit |