Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IS66WVS2M8BLL-R104KLI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

No. de pieza IS66WVS2M8BLL-R104KLI
Descripción Electrónicos  1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISSI [Integrated Silicon Solution, Inc]
Página de inicio  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVS2M8BLL-R104KLI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS66WVS2M8BLL-R104KLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104KLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IS66/67WVS2M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
8
Rev. A1
11/13/2023
3. Power-up Initialization
The SPI/QPI includes on-chip voltage sensor used to start the self-initialization process. When VDD reaches a
stable level at above the minimum VDD, the device will need 150us to complete its self-initialization process.
After the 150us period, the device will be ready for normal operation.
Figure 3.1 POWER-UP Timing
VDD
VDDmin
Device Initialization
Device is ready for normal operation
tPUmin =150us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35