| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MF-LSMF075/60X Datasheet(PDF) 8 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LSMF075/60X Datasheet(HTML) 8 Page - Bourns Electronic Solutions |
|
8 / 10 page ![]() MF-LSMF Series Tape and Reel Specifications DIMENSIONS: MM (INCHES) B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 P0 E2 E1 W Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. MF-LSMF SERIES, REV. N, 1/24 Tape Dimensions per EIA 481 MF-LSMF075X, MF-LSMF110/X, MF-LSMF125X, MF-LSMF150X, MF-LSMF185X, MF-LSMF260/6X, MF-LSMF300X & MF-LSMF330X MF-LSMF030X, MF-LSMF050X, MF-LSMF075/60X, MF-LSMF110/60X, MF-LSMF125/33X, MF-LSMF150/33X, MF-LSMF185/24X, MF-LSMF185/33X, MF-LSMF200X, MF-LSMF200/24X, MF-LSMF260X, MF-LSMF260/16X, MF-LSMF300/16X, MF-LSMF300/24X, MF-LSMF330/12X, MF-LSMF330/16X, MF-LSMF330/24X, MF-LSMF400/16X, MF-LSMF500/16X & MF-LSMF600/12X W 16.0 ± 0.30 (0.630 ± 0.012) 16.0 ± 0.30 (0.630 ± 0.012) P0 4.0 ± 0.10 (0.157 ± 0.004) 4.0 ± 0.10 (0.157 ± 0.004) 10 P0 40 ± 0.20 (1.575 ± 0.008) 40 ± 0.20 (1.575 ± 0.008) P1 8.0 ± 0.10 (0.315 ± 0.004) 8.0 ± 0.10 (0.315 ± 0.004) P2 2.0 ± 0.10 (0.079 ± 0.004) 2.0 ± 0.10 (0.079 ± 0.004) A0 5.74 ± 0.10 (0.226 ± 0.004) 5.70 ± 0.10 (0.224 ± 0.004) B0 8.02 ± 0.10 (0.316 ± 0.004) 8.10 ± 0.10 (0.319 ± 0.004) B1 max. 12.1 (0.476) 12.1 (0.476) D0 1.5 +0.10/-0 (0.059 +0.004/-0) 1.5 +0.10/-0 (0.059 +0.004/-0) F 7.5 ± 0.10 (0.295 ± 0.004) 7.5 ± 0.10 (0.295 ± 0.004) E1 1.75 ± 0.10 (0.069 ± 0.004) 1.75 ± 0.10 (0.069 ± 0.004) E2 min. 14.25 (0.561) 14.25 (0.561) T max. 0.6 (0.024) 0.6 (0.024) T1 max 0.1 (0.004) 0.1 (0.004) K0 0.91 ± 0.10 (0.036 ± 0.004) 1.70 ± 0.10 (0.067 ± 0.004) Leader min. 390 (15.35) 390 (15.35) Trailer min. 160 (6.30) 160 (6.30) Reel Dimensions A max. 331 (13.03) 331 (13.03) N min. 50 (1.97) 50 (1.97) W1 16.4 +2.0/-0 (0.646 + 0.079/-0) 16.4 +2.0/-0 (0.646 + 0.079/-0) W2 max. 22.4 (0.882) 22.4 (0.882) |