Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESM1600B Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza ESM1600B
Descripción Electrónicos  QUAD COMPARATOR INTERFACE CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM1600B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ESM1600B Datasheet HTML 2Page - STMicroelectronics ESM1600B Datasheet HTML 3Page - STMicroelectronics ESM1600B Datasheet HTML 4Page - STMicroelectronics ESM1600B Datasheet HTML 5Page - STMicroelectronics ESM1600B Datasheet HTML 6Page - STMicroelectronics ESM1600B Datasheet HTML 7Page - STMicroelectronics ESM1600B Datasheet HTML 8Page - STMicroelectronics ESM1600B Datasheet HTML 9Page - STMicroelectronics ESM1600B Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
S016 PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
o (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.209
L
0.5
1.27
0.020
0.050
M
0.62
0.024
S8
o (max.)
ESM1600B
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10