Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L443VCT3 Datasheet(PDF) 70 Page - STMicroelectronics

No. de pieza STM32L443VCT3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCT3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L443VCT3 Datasheet HTML 66Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 67Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 68Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 69Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 70Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 71Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 72Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 73Page - STMicroelectronics STM32L443VCT3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 215 page
background image
Pinouts and pin description
STM32L443CC STM32L443RC STM32L443VC
70/215
DS11421 Rev 4
39 39 A3 A5 55 A5 89
A8
PB3
(JTDO-
TRACE
SWO)
I/O
FT_la (3)
JTDO-TRACESWO,
TIM2_CH2, SPI1_SCK,
SPI3_SCK,
USART1_RTS_DE,
LCD_SEG7,
SAI1_SCK_B, EVENTOUT
COMP2_INM
40 40 A4 B4 56 A4 90
A7
PB4
(NJTRST)
I/O FT_fla (3)
NJTRST, I2C3_SDA,
SPI1_MISO, SPI3_MISO,
USART1_CTS,
TSC_G2_IO1,
LCD_SEG8,
SAI1_MCLK_B,
EVENTOUT
COMP2_INP
41 41 B4 C4 57 C4 91
C5
PB5
I/O
FT_l
-
LPTIM1_IN1, I2C1_SMBA,
SPI1_MOSI, SPI3_MOSI,
USART1_CK,
TSC_G2_IO2,
LCD_SEG9,
COMP2_OUT,
SAI1_SD_B, TIM16_BKIN,
EVENTOUT
-
42 42 C4 B5 58 D3 92
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX,
TSC_G2_IO3,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
43 43 D4 A6 59 C3 93
B4
PB7
I/O FT_fla -
LPTIM1_IN2, I2C1_SDA,
USART1_RX,
TSC_G2_IO4,
LCD_SEG21, EVENTOUT
COMP2_INM,
PVD_IN
44 44 A5 C5 60 B4 94
A4
PH3/
BOOT0
I/O
FT
-
EVENTOUT
BOOT0
45 45 B5 C6 61 B3 95
A3
PB8
I/O
FT_fl
-
I2C1_SCL, CAN1_RX,
LCD_SEG16,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
-
46 46 C5 B6 62 A3 96
B3
PB9
I/O
FT_fl
-
IR_OUT, I2C1_SDA,
SPI2_NSS, CAN1_TX,
LCD_COM3,
SDMMC1_D5,
SAI1_FS_A, EVENTOUT
-
Table 14. STM32L443xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions