| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L443VCY3TR Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCY3TR Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 215 page ![]() DS11421 Rev 4 67/215 STM32L443CC STM32L443RC STM32L443VC Pinouts and pin description 86 - - - - - - 58 J11 PD11 I/O FT_l - USART3_CTS, TSC_G6_IO2, LCD_SEG31, LPTIM2_ETR, EVENTOUT - - - - - - - 59 J10 PD12 I/O FT_l - USART3_RTS_DE, TSC_G6_IO3, LCD_SEG32, LPTIM2_IN1, EVENTOUT - - - - - - - 60 H12 PD13 I/O FT_l - TSC_G6_IO4, LCD_SEG33, LPTIM2_OUT, EVENTOUT - - - - - - - 61 H11 PD14 I/O FT_l - LCD_SEG34, EVENTOUT - - - - - - - 62 H10 PD15 I/O FT_l - LCD_SEG35, EVENTOUT - - - - F1 37 F6 63 E12 PC6 I/O FT_l - TSC_G4_IO1, LCD_SEG24, SDMMC1_D6, EVENTOUT - - - - E1 38 E764E11 PC7 I/O FT_l - TSC_G4_IO2, LCD_SEG25, SDMMC1_D7, EVENTOUT - - - - F3 39 E8 65 E10 PC8 I/O FT_l - TSC_G4_IO3, LCD_SEG26, SDMMC1_D0, EVENTOUT - - - - E2 40 D8 66 D12 PC9 I/O FT_l - TSC_G4_IO4, USB_NOE, LCD_SEG27, SDMMC1_D1, EVENTOUT - 29 29 D1 E3 41 D7 67 D11 PA8 I/O FT_l - MCO, TIM1_CH1, USART1_CK, LCD_COM0, SWPMI1_IO, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 30 30 D2 D1 42 C7 68 D10 PA9 I/O FT_fl - TIM1_CH2, I2C1_SCL, USART1_TX, LCD_COM1, SAI1_FS_A, TIM15_BKIN, EVENTOUT - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |