Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EFS21-TL5 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza EFS21-TL5
Descripción Electrónicos  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS21-TL5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button EFS21-TL5 Datasheet HTML 6Page - STMicroelectronics EFS21-TL5 Datasheet HTML 7Page - STMicroelectronics EFS21-TL5 Datasheet HTML 8Page - STMicroelectronics EFS21-TL5 Datasheet HTML 9Page - STMicroelectronics EFS21-TL5 Datasheet HTML 10Page - STMicroelectronics EFS21-TL5 Datasheet HTML 11Page - STMicroelectronics EFS21-TL5 Datasheet HTML 12Page - STMicroelectronics EFS21-TL5 Datasheet HTML 13Page - STMicroelectronics EFS21-TL5 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
EFS
12/14
8.3. Operation on the 230V/50Hz AC mains in twin tubes configuration
The EFS STARLIGHT-KIT is also suitable for the configurations Twin tubes Starter
Note 5: Components to choose are listed in the table “RECOMMENDED COMPONENTS ACCORDING TO APPLICATION CONDITIONS”
page 5.
The only electrical diagram difference consists of the R4 resistor which needs to be changed from 1 to
2.2k
Ω. Without this modification, the starter will generate only one ignition attempt instead of 8 in case of
defective lamp; the loop 3 is removed from the algorithm described in page 9.
In the Twin Series 230V/50Hz configuration, the polarity of the two starters must be respected:
In case of no operation of starters, rotate one of the starters of 180
° on its socket.
230V / 50HZ
BALLAST
STARTER
SOCKET
FLUORESCENT
TUBE
OFF
OFF
ALIGHT
ALIGHT
Rotate of 180
°
only one starter
AC
MAINS
230V
T
U
B
E
T
U
B
E
TWIN TUBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14