Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1422012 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 1422012
Descripción Electrónicos  SAC-4P-22AWG-OE-OE-542-100,0SH - Cable reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1422012 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1422012 Datasheet HTML 1Page - PHOENIX CONTACT 1422012 Datasheet HTML 2Page - PHOENIX CONTACT 1422012 Datasheet HTML 3Page - PHOENIX CONTACT 1422012 Datasheet HTML 4Page - PHOENIX CONTACT 1422012 Datasheet HTML 5Page - PHOENIX CONTACT 1422012 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
By the meter, Cable reel, shielded, PVC, yellow, 4-wire, color single wire: brown, blue, black,
white, cable length: 100 m
Commercial data
Item number
1422012
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF16
Product key
AF1IIB
GTIN
4055626324777
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
SAC-4P-22AWG-OE-OE-542-100,0SH - Cable reel
1422012
https://www.phoenixcontact.com/us/products/1422012
Oct 24, 2025, 12:37AM
Page 1 (6)


Número de pieza similar - 1422012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1422010 PHOENIX-1422010 Datasheet
207Kb / 4P
SAC-4P-24AWG-OE-OE-542-100,0SH - Cable reel
1422011 PHOENIX-1422011 Datasheet
207Kb / 4P
SAC-4P-24AWG-OE-OE-542-300,0SH - Cable reel
1422013 PHOENIX-1422013 Datasheet
218Kb / 6P
SAC-4P-22AWG-OE-OE-542-300,0SH - Cable reel
1422014 PHOENIX-1422014 Datasheet
221Kb / 6P
SAC-5P-22AWG-OE-OE-542-100,0SH - Cable reel
1422015 PHOENIX-1422015 Datasheet
213Kb / 5P
SAC-5P-22AWG-OE-OE-542-300,0SH - Cable reel
More results

Descripción similar - 1422012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
Network cable - VS-OE-OE-936-100,0
1419152 PHOENIX-1419152 Datasheet
292Kb / 7P
Network cable - VS-OE-OE-93G-100,0
1416295 PHOENIX-1416295 Datasheet
265Kb / 6P
Network cable - VS-OE-OE-93E-100,0
1416318 PHOENIX-1416318 Datasheet
298Kb / 6P
Network cable - VS-OE-OE-94C-100,0
1416334 PHOENIX-1416334 Datasheet
400Kb / 5P
Network cable - VS-OE-OE-94D-100,0
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
Network cable - VS-OE-OE-94B
1416389 PHOENIX-1416389 Datasheet
334Kb / 10P
Network cable - VS-OE-OE-93B-100,0
1416392 PHOENIX-1416392 Datasheet
219Kb / 5P
Network cable - VS-OE-OE-93A-100,0
1416376 PHOENIX-1416376 Datasheet
102Kb / 6P
Network cable - VS-OE-OE-93C-100,0
09/11/2020
1286208 PHOENIX-1286208 Datasheet
367Kb / 11P
FO cable - FOC-OE-OE-GMB-U-OM4-24/...
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com