| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7569BLVPD Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7569BLVPD Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 41 page ![]() Diagnostics functional description TDA7569BLV 20/41 DocID023498 Rev 9 4.3 Output DC offset detection Any DC output offset exceeding ±2 V is signalled out. This inconvenient might occur as a consequence of initially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the speakers at risk of overheating. This diagnostic has to be performed with low-level output AC signal (or Vin = 0). The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command): – START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1 – STOP = Actual reading operation Excess offset it is signalled out if persistent for all the assigned testing time. This feature is disabled if any overloads leading to activation of the short-circuit protection occurs in the process. 4.4 AC diagnostic This function is design to detect accidental disconnection of tweeters in 2-way speaker and, more in general, presence of capacitive (AC) coupled loads. This diagnostic is based on the notion that the overall speaker's impedance (woofer + parallel tweeter) will tend to increase towards high frequencies if the tweeter gets disconnected, because the remaining speaker (woofer) would be out of its operating range (high impedance). The diagnostic decision is made according to peak output current thresholds, and it is enabled by setting (IB2-D2) = 1. Two different detection levels are available: – High current threshold IB2 (D7) = 0 Iout > 500 mApk = normal status Iout < 250 mApk = open tweeter – Low current threshold IB2 (D7) = 1 Iout > 250 mApk = normal status Iout < 125 mApk = open tweeter To correctly implement this feature, it is necessary to briefly provide a signal tone (with the amplifier in "play") whose frequency and magnitude are such as to determine an output current higher than 500 mApk with IB2(D7) = 0 (higher than 250 mApk with IB2(D7) = 1) in normal conditions and lower than 250 mApk with IB2(D7) = 0 (lower than 125 mApk with IB2(D7)=1) should the parallel tweeter be missing. The test has to last for a minimum number of 3 sine cycles starting from the activation of the AC diagnostic function IB2<D2>) up to the I2C reading of the results (measuring period). To confirm presence of tweeter, it is necessary to find at least 3 current pulses over the above threadless over all the measuring period, else an "open tweeter" message will be issued. The frequency / magnitude setting of the test tone depends on the impedance characteristics of each specific speaker being used, with or without the tweeter connected (to be calculated case by case). High-frequency tones (> 10 kHz) or even ultrasonic signals are recommended for their negligible acoustic impact and also to maximize the impedance module's ratio between with tweeter-on and tweeter-off. Figure 31 and 32 shows the load impedance as a function of the peak output voltage and the relevant diagnostic fields. |