Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L151VDT7 Datasheet(PDF) 43 Page - STMicroelectronics

No. de pieza STM32L151VDT7
Descripción Electrónicos  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VDT7 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32L151VDT7 Datasheet HTML 39Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 40Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 41Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 42Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 43Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 44Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 45Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 46Page - STMicroelectronics STM32L151VDT7 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 154 page
background image
DocID022027 Rev 11
43/154
STM32L151xD STM32L152xD
Pin descriptions
57
-
J5
-
-
-
PA7
I/O
FT
PA7
TIM3_CH2/TIM11_CH1/
SPI1_MOSI/
LCD_SEG4
ADC_IN7/
COMP1_INP
-M4
-
-
-
OPAMP2_VI
NM
ITC
OPAMP2_V
INM
--
44
K5
33 24 H6
PC4
I/O
FT
PC4
LCD_SEG22
ADC_IN14/
COMP1_INP
45
L5
34 25 H5
PC5
I/O
FT
PC5
LCD_SEG23
ADC_IN15/
COMP1_INP
46
M5
35 26 H4
PB0
I/O
TC
PB0
TIM3_CH3/LCD_SEG5
ADC_IN8/
COMP1_INP/
OPAMP2_VOUT/
VREF_OUT
47
M6
36 27 F4
PB1
I/O
FT
PB1
TIM3_CH4/LCD_SEG6
ADC_IN9/
COMP1_INP/
VREF_OUT
48
L6
37 28 H3
PB2
I/O
FT
PB2/
BOOT1
BOOT1
ADC_IN0b
49
K6
-
-
-
PF11
I/O
FT
PF11
-
ADC_IN1b
50
J7
-
-
-
PF12
I/O
FT
PF12
FSMC_A6
ADC_IN2b
51
E3
-
-
-
VSS_6
S-
VSS_6
--
52
H3
-
-
-
VDD_6
S-
VDD_6
--
53
K7
-
-
-
PF13
I/O
FT
PF13
FSMC_A7
ADC_IN3b
54
J8
-
-
-
PF14
I/O
FT
PF14
FSMC_A8
ADC_IN6b
55
J9
-
-
-
PF15
I/O
FT
PF15
FSMC_A9
ADC_IN7b
56
H9
-
-
-
PG0
I/O
FT
PG0
FSMC_A10
ADC_IN8b
57
G9
-
-
-
PG1
I/O
FT
PG1
FSMC_A11
ADC_IN9b
58
M7
38
-
-
PE7
I/O
TC
PE7
FSMC_D4
ADC_IN22/
COMP1_INP
59
L7
39
-
-
PE8
I/O
TC
PE8
FSMC_D5
ADC_IN23/
COMP1_INP
60
M8
40
-
-
PE9
I/O
TC
PE9
TIM2_CH1_ETR /FSMC_D6
ADC_IN24/
COMP1_INP
Table 8. STM32L151xD and STM32L152xD pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More