| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPACE-NETWORK-DIRECTOR Datasheet(PDF) 1 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
SPACE-NETWORK-DIRECTOR Datasheet(HTML) 1 Page - Juniper Networks, Inc. |
|
1 / 7 page ![]() JUNOS SPACE NETWORK DIRECTOR Product Description Juniper Networks® Junos® Space Network Director provides a smart, comprehensive, and automated network management solution designed for the cloud era that enables network and cloud administrators to visualize, analyze, and control their entire enterprise network— data center and campus, physical and virtual infrastructure—through a single pane of glass. In the data center, Network Director, which offers a full turnkey solution, helps administrators manage, visualize, and troubleshoot physical and virtual environments by providing correlated visibility between virtualized and physical networks, as well as flow analysis, visualization, and synchronization of network policies as virtual machines (VMs) move from server to server. In the campus, Network Director automates routine management tasks such as network provisioning and troubleshooting, dramatically improving operational efficiency and reliability. Network Director incorporates key functions that address the challenges posed by the rapid adoption of virtualized, dynamic, and on-demand cloud services across data center and cloud deployments. In addition, Network Director offers sophisticated end-to-end network visibility and flow path analysis in conjunction with the Juniper Networks Cloud Analytics Engine, providing flow-aware performance analysis to improve application performance and availability by associating flows/applications across the physical and virtual infrastructure, improving the ability to quickly roll out new applications and troubleshoot problems. These smart network management capabilities are delivered through the following Automate • Fabric automation fully automates the provisioning, configuration, and deployment of complex underlay and virtualized fabric topologies, providing comprehensive pre- and post-deployment support and management for Layer 2 and Layer 3 fabrics, as well as Junos Fusion Enterprise and Junos Fusion Data Center fabrics. Junos Fusion is a single-tier architecture that allows an enterprise network to be managed as a single system. • Zero touch provisioning (ZTP) simplifies the deployment of networks without requiring user intervention, providing policy-driven plug-and-play provisioning and network bring-up operations for both fabrics and individual devices. • Bulk provisioning enables faster service rollout and activation while protecting against configuration errors with profile-based and pre-validated configurations. Bulk operations can be performed at logical (access, aggregation, core) or location (site, building, floor, rack) levels. • Automated access port provisioning supports plug-and-play operations. Network Director detects the end point device types (such as wireless access points and VoIP phones) that are plugged into ports and automatically provisions all port-related parameters including VLAN, 802.1x, and security policies to comply with port profiles. Data Sheet 1 Product Overview As businesses increasingly move to the cloud, there is a critical need for turnkey solutions that can help them bridge the gap between their existing environments and their vision of more agile and flexible networks that will reduce complexity and cost. Junos Space Network Director is a next-generation network-wide management solution optimized for agility, automation, and simplicity for the cloud era. It allows users to visualize, analyze, and control the entire enterprise network—data center and campus—through a single pane of glass. |
Número de pieza similar - SPACE-NETWORK-DIRECTOR |
|
Descripción similar - SPACE-NETWORK-DIRECTOR |