| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPSB081 Datasheet(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Datasheet(HTML) 86 Page - STMicroelectronics |
|
86 / 137 page ![]() Bit Name Description • LIN_TXD_DOM • LIN_PERM_REC • CAN_RXD_REC • CAN_PERM_REC • CAN_PERM_DOM • CAN_TXD_DOM 0 = No error (default) 1 = Error detected PLE is cleared by a read and clear command to all related bits in status registers 2 27 FE Functional error bit The FE is a logical OR combination of errors coming from functional blocks SR2 (0x32) • V2SC SR3 (0x33) • OUTx OC SR4 (0x34)(3) • OUTx OL 0 = No error (default) 1 = Error detected FE is cleared by a read and clear command to all related bits in status registers 2, 3, 4 26 DE Device error bit DE is a logical OR combination of global errors related to the device SR1 (0x31) • TSD1 SR2 (0x32) • VS_OV • VS_UV • VSREG_OV • VSREG_UV • V1_OV 0 = No error (default) 1 = Error detected DE is cleared by a read and clear command to all related bits in status registers 2 25 GW(2) Global warning bit GW is a logical OR combination of warning flags. Warning bits do not lead to any device state change or switch off of functions SR2 (0x32) • V1FAIL • V2FAIL • CAN_RXD_REC • TW(3) • SPI_INV_CMD • SPI SCK CNT SR6 (0x36) • CAN_SUP_LOW 0 = No error (default) 1 = Error detected GW is cleared by a read and clear command to all related bits in status register 2 SPSB081 Global status byte (GSB) DS14048 - Rev 3 page 86/137 |