| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9907 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9907 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 49 page ![]() DS11800 Rev 5 41/49 L9907 Application circuit 48 5 Application circuit 5.1 12 V/24 V system Figure 8. Application circuit, 12 V/24 V system BST_L BGND VB Keep this loop area small BST_C VDH CBS1 GHS1 SHS1 CBS2 GHS2 SHS2 CBS3 GHS3 SHS3 GLS1 SLS1 GLS2 SLS2 GLS3 SLS3 IS1+ IS1- IS2+ IS2- GCR SGND1 SGND2 DGND DGND IB2 IB1 VCAP TO3 TM SDO SCK CS SDI FS FLAG BST_DIS EN2 EN1 PWM L3 PWM H3 PWM L2 PWM H2 PWM L1 PWM H1 VDD VCC BATTERY T HS3 T HS2 T HS1 C HB C BST2 C BST1 C BS1 C BS2 C BS3 C IN T LS1 T LS2 T LS3 R GHS11 R GHS12 R GHS13 R GLS11 R GLS12 R GLS13 R GHS21 R GHS22 R GHS23 R GLS21 R GLS22 R GLS23 C LSD C IS1+ C IS1- C IS2+ C IS2- C VCC C VDD R IB1 R IB2 C IB1 C IB2 R GCR MCU Power Supply L9907 Reverse battery protection L BST D 1 D 4 D 5 BLDC Motor _ R SHUNT1 R SHUNT2 D 2 D 3 T RB1 T RB2 C RB1 R RB1 R RB2 R RB3 |