Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

USB3106 Datasheet(PDF) 5 Page - Global Connector Technology

No. de pieza USB3106
Descripción Electrónicos  Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GCT [Global Connector Technology]
Página de inicio  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 Datasheet(HTML) 5 Page - Global Connector Technology

  USB3106_V01 Datasheet HTML 1Page - Global Connector Technology USB3106_V01 Datasheet HTML 2Page - Global Connector Technology USB3106_V01 Datasheet HTML 3Page - Global Connector Technology USB3106_V01 Datasheet HTML 4Page - Global Connector Technology USB3106_V01 Datasheet HTML 5Page - Global Connector Technology USB3106_V01 Datasheet HTML 6Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
Part
Number
USB3106
Rev
A
Date
03/12/13
Product
Description
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with
2.30mm (Standard) Shell Stakes
Page
Doc
Number
USB3106-SPEC
Prepared
AO
Checked
RM
Approved
VJ
 
 
 
www.gct.co
 
7.0 PRODUCT QUALIFICATION AND TEST SEQUENCE
Test Item
Test Group
1
2
3
4
5
6
7
8
9
10
Examination of Product
1
1, 6
1, 6
1, 6
1, 5
1, 3
1, 3
1, 3
1, 3
Contact Resistance
4
2, 5
2, 5
2, 5
2, 4
Dielectric Withstanding Voltage
3
Insulation Resistance
2
Mating Force
2, 4
Unmating Force
2, 4
Temperature Rise
1
Durability
3
Vibration
3
Mechanical Shock
4
Solderability
2
Humidity
3
Salt Spray
2
Temperature Life
3
Resistance to Soldering Heat (reflow)
2
Resistance to Soldering Heat (wave)
2
Thermal Shock
4
Sample Size
5
5
5
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com