| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9408F Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9408F Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() This is information on a product in full production. June 2016 DocID029462 Rev 1 1/14 L9408F Automotive multifunction smart alternator regulator Datasheet - production data Features AEC-Q100 qualified Fully monolithic design Low side field driver Thermal protection Field short circuit protection Protected diagnostic lamp driver Protected high side relay driver Complex diagnostics Load response control DFM output (field monitor) Description The L9408F is a monolithic multifunction alternator voltage regulator. It includes the control section, the field power stage, fault diagnostic circuit which drives a warning lamp. DIE Table 1. Device summary Order code Package Packing L9408FDIETR DIE - www.st.com |
Número de pieza similar - L9408F |
|
Descripción similar - L9408F |