| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9954XP Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9954XP Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 37 page ![]() L9954 / L9954XP Package and packing information Doc ID 14279 Rev 4 31/37 Table 20. PowerSO-36™ mechanical data Symbol Millimeters Min. Typ. Max. A 3.60 a1 0.10 0.30 a2 3.30 a3 0 0.10 b0.22 0.38 c0.23 0.32 D * 15.80 16.00 D1 9.40 9.80 E 13.90 14.5 E1 * 10.90 11.10 E2 2.90 E3 5.80 6.20 e0.65 e3 11.05 G 0 0.10 H 15.50 15.90 h 1.10 L 0.8 1.10 M N 10 deg R s 8 deg |