| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9680 Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 286 page ![]() 1 1 0 0 0 0 0 0 $C0 R/W SAF_RESP_TARGET_8 Safing record response target X 1 1 0 0 0 0 0 1 $C1 R/W SAF_RESP_TARGET_9 X 1 1 0 0 0 0 1 0 $C2 R/W SAF_RESP_TARGET_10 X 1 1 0 0 0 0 1 1 $C3 R/W SAF_RESP_TARGET_11 X 1 1 0 0 0 1 0 0 $C4 R/W SAF_RESP_TARGET_12 X 1 1 0 0 0 1 0 1 $C5 R/W SAF_RESP_TARGET_13 X 1 1 0 0 0 1 1 0 $C6 R/W SAF_RESP_TARGET_14_pt1 X 1 1 0 0 0 1 1 1 $C7 R/W SAF_RESP_TARGET_14_pt2 X 1 1 0 0 1 0 0 0 $C8 R/W SAF_RESP_TARGET_15_pt1 X 1 1 0 0 1 0 0 1 $C9 R/W SAF_RESP_TARGET_15_pt2 X 1 1 0 0 1 0 1 0 $CA R/W SAF_RESP_TARGET_16_pt1 X 1 1 0 0 1 0 1 1 $CB R/W SAF_RESP_TARGET_16_pt2 X 1 1 0 0 1 1 0 0 $CC R/W SAF_DATA_MASK_1 Safing record data mask X 1 1 0 0 1 1 0 1 $CD R/W SAF_DATA_MASK_2 X 1 1 0 0 1 1 1 0 $CE R/W SAF_DATA_MASK_3 X 1 1 0 0 1 1 1 1 $CF R/W SAF_DATA_MASK_4 X 1 1 0 1 0 0 0 0 $D0 R/W SAF_DATA_MASK_5 X 1 1 0 1 0 0 0 1 $D1 R/W SAF_DATA_MASK_6 X 1 1 0 1 0 0 1 0 $D2 R/W SAF_DATA_MASK_7 X 1 1 0 1 0 0 1 1 $D3 R/W SAF_DATA_MASK_8 X 1 1 0 1 0 1 0 0 $D4 R/W SAF_DATA_MASK_9 X 1 1 0 1 0 1 0 1 $D5 R/W SAF_DATA_MASK_10 X 1 1 0 1 0 1 1 0 $D6 R/W SAF_DATA_MASK_11 X 1 1 0 1 0 1 1 1 $D7 R/W SAF_DATA_MASK_12 X 1 1 0 1 1 0 0 0 $D8 R/W SAF_DATA_MASK_13 X Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |