Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L9679E Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza L9679E
Descripción Electrónicos  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 24Page - STMicroelectronics L9679E Datasheet HTML 25Page - STMicroelectronics L9679E Datasheet HTML 26Page - STMicroelectronics L9679E Datasheet HTML 27Page - STMicroelectronics L9679E Datasheet HTML 28Page - STMicroelectronics L9679E Datasheet HTML 29Page - STMicroelectronics L9679E Datasheet HTML 30Page - STMicroelectronics L9679E Datasheet HTML 31Page - STMicroelectronics L9679E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
SYS_CFG
System configuration register
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
0
0
0
0
VMEAS
0
0
0
0
ID:
01
Type:
R/W
Read:
0100
Write:
0002
POR
WSM
SSM
[15]
0
0
0
EN_AUTO_SWITCH_OFF: Enable auto switch off ISRC current source and DCS regulator after
measurement completion
0: Auto switch off disabled
1: Auto switch off enabled
[10]
0
0
0
HI_LEV_DIAG_TIME: Selection of duration of high level squib/pyroswitch diagnostics
0: Short time (see high level diag diagram)
1: Long time (see high level diag diagram)
[9]
0
0
0
RSU_SYNCPULSE_SHIFT_CONF: Selection of sync pulses shift duration
0 Long time
1 Short time
[8:7]
00
00
00
SQMEAS: Sample number in squib/pyroswitch measurement and temperature conversions:
Updated by SSM_RESET or SPI write
00: 8 samples
01: 16 samples
10: 4 samples
11: 2 sample
L9679E
SPI interface
DS12485 - Rev 8
page 28/127