| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9678P Datasheet(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Datasheet(HTML) 156 Page - STMicroelectronics |
|
156 / 215 page ![]() Safing logic L9678P, L9678P-S 156/216 DS11626 Rev 9 Figure 48. Safing Engine Arming flow diagram i++ i = N? POS_COUNT[i] >= ARMP_TH? ARMP = 1 Y N ARMSEL[i] = 00, 01, or 11? ARM1[i]=1 & TIMER_CNT1< DWELL[i] ARM2[i]=1 & TIMER_CNT2< DWELL[i] TIMER_CNT1= DWELL[i] TIMER_CNT2= DWELL[i] Y Y N NN ARMP = 0 ARMSEL[i] = 00, 10, or 11? Y Y Y TIMER_CNT1 > 0? ARM1INT=1 ARM1INT=0 Y N TIMER_CNT2 > 0? ARM2INT=1 ARM2INT=0 Y N NEG_COUNT[i] >= ARMN_TH? ARMN = 1 Y N ARMN = 0 N i=1 N TIMER_CNTx is a 10 bit down counter always running at 2ms TIMER_CNTx control extends to 4 for high/mid ARMxINT control extends to 4 for high/mid START N=5 (L9678) N=13 (L9679) N=17 (L9680) GAPGPS02868 |