| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9678P Datasheet(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Datasheet(HTML) 84 Page - STMicroelectronics |
|
84 / 215 page ![]() SPI interface L9678P, L9678P-S 84/216 DS11626 Rev 9 5.2.24 Loops diagnostic configuration command register for high level diagnostic (LPDIAGREQ) Address: 38 Type: RW Buffer: $3800 Reset: $0070 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X MISO 0 0 0 0 0 0 0 0 0 0 0 DIAG_LEVEL 0 0 0 Diagnostic mode selector 0 0 N/A - see description above 1 1 high level mode HIGH_LEVEL_DIAG _SEL 000 000 000 Selection of high level squib/pyroswitch diagnostic Updated by SSM_RESET or SPI write 000 No diagnostic selected 001 VRCM CHECK 010 Leakage CHECK 011 Short Between Loops CHECK 100 Unused 101 Squib/pyroswitch resistance range CHECK 110 Squib/pyroswitch resistance measurement 111 FET test SQP 0 0 0 Squib/pyroswitch pin select for all leakage diagnostic Updated by SSM_RESET or SPI write |