| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCLVC1102PWR.B Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCLVC1102PWR.B Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 37 page ![]() 12 CDCLVC1102, CDCLVC1103, CDCLVC1104 CDCLVC1106, CDCLVC1108, CDCLVC1110, CDCLVC1112 SCAS895B – MAY 2010 – REVISED FEBRUARY 2017 www.ti.com Product Folder Links: CDCLVC1102 CDCLVC1103 CDCLVC1104 CDCLVC1106 CDCLVC1108 CDCLVC1110 CDCLVC1112 Submit Documentation Feedback Copyright © 2010–2017, Texas Instruments Incorporated Typical Application (continued) 9.2.3 Application Curves Figure 11. CDCLVC11xx Reference Phase Noise 26 fs (12 kHz to 20 MHz) Figure 12. CDCLVC11xx Output Phase Noise 86 fs (12 kHz to 20 MHz) The low additive jitter of the CDCLVC11xx can be shown in the previous application example. The low-noise 100-MHz XO with 26-fs RMS jitter drives the CDCLVC11xx, resulting in 86-fs RMS jitter when integrated from 12 kHz to 20 MHz. The resultant additive jitter is a low 82-fs RMS for this configuration. 10 Power Supply Recommendations High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when the jitter and phase noise is critical to applications. Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass capacitors provide the very low impedance path for high-frequency noise and guards the power supply system against induced fluctuations. These bypass capacitors also provide instantaneous current surges as required by the device and should have low equivalent series resistance (ESR). To properly use the bypass capacitors, they must be placed very close to the power-supply terminals and laid out with short loops to minimize inductance. TI recommends adding as many high-frequency (for example, 0.1 µF) bypass capacitors, as there are supply terminals in the package. TI recommends, but does not require, inserting a ferrite bead between the board power supply and the chip power supply that isolates the high-frequency switching noises generated by the clock buffer; these beads prevent the switching noise from leaking into the board supply. It is imperative to choose an appropriate ferrite bead with very low DC resistance to provide adequate isolation between the board supply and the chip supply, as well as to maintain a voltage at the supply terminals that is greater than the minimum voltage required for proper operation. |