| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD54HC30F Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC30F Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 30 page ![]() input signal is required, a device with a Schmitt-trigger input should be used to condition the input signal prior to the standard CMOS input. 8.3.3 Clamp Diode Structure The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 8-1. CAUTION Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to the device. The recommended input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. GND Logic Input Output VCC Device -IIK +IIK +IOK -IOK Figure 8-1. Electrical Placement of Clamping Diodes for Each Input and Output 8.4 Device Functional Modes Table 8-1. Function Table INPUTS OUTPUT A B C D E F G H Y H H H H H H H H L L X X X X X X X H X L X X X X X X H X X L X X X X X H X X X L X X X X H X X X X L X X X H X X X X X L X X H X X X X X X L X H X X X X X X X L H www.ti.com CD74HC30, CD54HC30 SCHS121E – AUGUST 1997 – REVISED APRIL 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: CD74HC30 CD54HC30 |