| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WL33C8VA Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33C8VA Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 91 page ![]() Pin number Pin Name (function after reset) Pin type Alternate functions Additional functions VFQFPN 32 VFQFPN 48 30 46 PB0 I/O USART1_RX, LPUART1_RTS_DE, TIM16_CH1, SPI1_NSS, ANTENNA_SWITCH, LCD_COM1 COMP1_INN1, ADC_VINM1 31 47 PB1 I/O USART1_CK, SWDIO, TIM16_CH1N, SPI1_SCK, SUBG_RX_DATA, LCD_SEG6 COMP1_INP, ADC_VINP1, LCA 32 48 PB2 I/O USART1_RTS_DE, SWCLK, TIM16_BRK, SPI1_MISO, SUBG_RX_CLK, LCD_SEG7 COMP1_INP, ADC_VINM0, LCT Exposed pad Exposed pad GND S - Ground Table 4. Alternate function port A Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 I2C1/I2C2/ SYS_AF/RTC/ USART SYS_AF/ USART/ LPUART SYS_AF/ TIM2/COMP SYS_AF/ SPI1/SPI3 SYS_AF/ TIM2 SYS_AF/ Single-wire debug SYS_AF/ LCD Port A PA0 I2C1_SCL USART1_CTS - - TIM2_CH3 - LCD_SEG12 /LCD_COM4 PA1 I2C1_SDA USART1_TX TIM16_BRK - TIM2_CH4 - LCD_SEG0 PA2 SWDIO USART1_CK TIM16_CH1 I2S3_MCK TIM2_CH1 SWDIO LCD_SEG1 PA3 SWCLK USART1_RTS_ DE TIM16_CH1N SPI3_SCK/ I2S3_CK TIM2_CH2 SWCLK LCD_SEG2 PA4 LCO LPUART1_TX COMP1_OUT - TIM2_CH1 - - PA5 MCO LPUART1_RX - - TIM2_CH2 - LCD_SEG9 PA6 I2C2_SCL USART1_CTS - - TIM2_CH1 - - PA7 I2C2_SDA LPUART1_RTS _DE - - TIM2_CH2 - - PA8 RTC_OUT/ RTC_TAMP1/ RTC_TS USART1_RX RX_SEQUEN CE SPI3_MISO TIM2_CH3 - LCD_COM0 PA9 - USART1_TX RTC_OUT SPI3_NSS/ I2S3_WS TIM2_CH4 - LCD_SEG3 PA10 - LPUART1_CTS TX_SEQUEN CE I2S3_MCK SUBG_TX_ DATA - LCD_SEG4 PA11 MCO RX_SEQUEN CE SPI3_MOSI/ I2S3_SD SUBG_TX_ CLOCK - LCD_SEG5 PA12 I2C1_SMBA SWDIO - SPI1_NSS TIM2_CH1 - - PA13 I2C2_SCL SWCLK - SPI1_SCK TIM2_ETR - LCD_SEG10 PA14 I2C2_SDA - - SPI1_MISO - - LCD_SEG11 PA15 I2C2_SMBA USART1_RX - SPI1_MOSI - - - STM32WL33xx Pinouts and pin description DS14221 - Rev 5 page 34/91 |