| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MB89R118C Datasheet(PDF) 5 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R118C Datasheet(HTML) 5 Page - RAMXEED LIMITED |
|
5 / 47 page ![]() MB89R118C DS411-00001-6v0-E 5 DATA ELEMENT DEFINITION 1. Unique Identifier (UID) The MB89R118C has a 64-bit unique identifier (UID). The UID is used to distinguish a transponder from another transponder in the anti-collision algorithm described later. The UID consists of the 3 items shown in the following. An 8-bit data whose value is always “E0H” (bit 57 to bit 64) An 8-bit IC manufacturer code whose value is always “08H”, and is defined by ISO/IEC 7816-6/AMI (bit 49 to bit 56) Unique 48-bit serial number assigned by FUJITSU SEMICONDUCTOR (bit 1 to bit 48) Among the unique 48-bit serial number assigned by FUJITSU SEMICONDUCTOR, the 1 byte from bit 41 to bit 48 defines MB89R118C code whose value is “01H”. And the 5 bytes from bit 1 to bit 40 define other serial number. Structure of UID MSB LSB 64 57 56 49 48 41 40 1 “E0H” IC manufacturer code “08H” “01H” Other serial number Unique serial number assigned by FUJITSU SEMICONDUCTOR |