Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYT60P-400. Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza BYT60P-400.
Descripción Electrónicos  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-400. Datasheet(HTML) 6 Page - STMicroelectronics

  BYT60P-400. Datasheet HTML 1Page - STMicroelectronics BYT60P-400. Datasheet HTML 2Page - STMicroelectronics BYT60P-400. Datasheet HTML 3Page - STMicroelectronics BYT60P-400. Datasheet HTML 4Page - STMicroelectronics BYT60P-400. Datasheet HTML 5Page - STMicroelectronics BYT60P-400. Datasheet HTML 6Page - STMicroelectronics BYT60P-400. Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BYT60P-400 / BYT260PIV-400 / BYT261PIV-400
6/7
PACKAGE MECHANICAL DATA
ISOTOP
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
11.80
12.20
0.465
0.480
A1
8.90
9.10
0.350
0.358
B
7.8
8.20
0.307
0.323
C
0.75
0.85
0.030
0.033
C2
1.95
2.05
0.077
0.081
D
37.80
38.20
1.488
1.504
D1
31.50
31.70
1.240
1.248
E
25.15
25.50
0.990
1.004
E1
23.85
24.15
0.939
0.951
E2
24.80 typ.
0.976 typ.
G
14.90
15.10
0.587
0.594
G1
12.60
12.80
0.496
0.504
G2
3.50
4.30
0.138
0.169
F
4.10
4.30
0.161
0.169
F1
4.60
5.00
0.181
0.197
P
4.00
4.30
0.157
0.69



Html Pages

1 2 3 4 5 6 7