Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M28840/20MA1AAS2 Datasheet(PDF) 18 Page - Amphenol PCD, Inc

No. de pieza M28840/20MA1AAS2
Descripción Electrónicos  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOLPCD [Amphenol PCD, Inc]
Página de inicio  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MA1AAS2 Datasheet(HTML) 18 Page - Amphenol PCD, Inc

Back Button M28840/20MA1AAS2 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 21Page - Amphenol PCD, Inc M28840/20MA1AAS2 Datasheet HTML 22Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
34
35
TABLE A
DASH #
Military
Shell Size
Conduit Size
M28840/4
E Max.
F Max.
V Thread Class 2
M Ø Max.
Y Ø Max.
01
A
03
(2.36) 59.9
(3.50) 92.8
1.000-20 UNEF
(1.12) 28.5
(1.19) 30.23
02
B
03
1.000-20 UNEF
(1.12) 28.5
(1.19) 30.23
03
B
04
1.188-18 UNEF
(1.25) 31.8
(1.38) 35.1
04
C
03
(2.56) 65.0
(3.69) 9.79
1.000-20 UNEF
(1.12) 28.5
(1.39) 35.3
05
C
04
1.118-18 UNEF
(1.25) 31.8
(1.38) 35.1
06
C
05
1.438-18 UNEF
(1.43) 36.3
(1.63) 41.4
07
C
06
(2.67) 67.8
(3.81) 101.0
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
08
D
05
1.438-18 UNEF
(1.43) 36.3
(1.63) 41.4
09
D
06
1.750-18 UNS
(1.62) 42.2
(1.94) 49.3
10
D
08
2.00-18 UNS
(1.81) 46.0
(2.19) 55.6
11
E
05
1.438-18 UNEF
(1.43) 36.3
(1.63) 41.4
12
E
06
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
13
E
08
(3.05) 77.5
(4.19) 111.1
2.00-18 UNS
(1.81) 46.0
(2.19) 55.6
14
F
06
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
15
F
08
2.00-18 UNS
(1.81) 46.0
(2.19) 55.6
16
F
10
2.250-18 UN
(2.18) 55.4
(2.44) 62.0
17
G
06
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
18
G
08
2.00-18 UN
(1.81) 46.0
(2.19) 55.6
19
G
10
2.250-18 UN
(2.18) 55.4
(2.44) 62.0
20
G
12
(3.33) 84.6
(4.50) 119.4
2.500-16 UN
(2.56) 65.0
(2.69) 68.5
21
H
10
2.250-16 UN
(2.18) 55.4
(2.18) 55.4
22
H
12
1.500-16 UN
(2.56) 65.0
(2.44) 62.0
23
J
12
(3.70) 94.0
(4.43) 128.1
2.500-16 UN
(2.56) 65.0
(2.69) 68.3
24
J
16
3.00-16 UN
(3.06) 77.8
(3.19) 81.0
M28840/25 90o EMI CONDUIT ADAPTER
TABLE A
DASH #
Military
Shell Size
A
Thread Class 2B
B Ø Max.
C
Thread Class 1
D Ø Max.
Sealing Range
Max.
Min.
01
A
.750-20 UNEF
(1.028) 26.11
.875-20 UNEF
(1.031) 26.19
(.63) 16.0
(.50) 12.7
02
B
.875-20 UNEF
(1.141) 28.98
.875-20 UNEF
(.63) 6.0
(.50) 12.7
03
B
1.000-20 UNEF
(.75) 19.1
(.63) 16.0
04
C
1.000-20 UNEF
(1.263) 32.08
.875-20 UNEF
(1.281) 32.58
(.63) 16.0
(.50) 12.7
05
C
1.000-20 UNEF
(.75) 19.1
(.63) 16.0
06
C
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
07
C
1.250-18 UNEF
(1.531) 38.89
(1.00) 25.4
(.88) 22.4
08
D
1.125-18 UNEF
(1.387) 35.23
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
09
D
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
10
D
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
11
E
1.250-18 UNEF
(1.513) 38.43
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
12
E
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
13
E
1.625-18 UNEF
(1.781) 45.24
(1.38) 35.1
(1.19) 30.2
14
F
1.438-18 UNEF
(1.703) 45.51
1.250-18 UNEF
(1.00) 25.4
(0.88) 8 22.4
15
F
1.625-18 UNEF
(1.38) 35.1
(1.18) 30.2
16
F
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
17
G
1.562-18 UNEF
(1.825) 46.35
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
18
G
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
19
G
1.875-18 UNS
(1.63) 41.4
(1.44) 36.5
20
G
2.125-16 UN
(2.031 )51.59
(1.88) 47.8
(1.63) 41.4
21
H
1.875-16 UN
(2.143) 54.43
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
22
H
2.125-16 UN
(1.33) 47.8
(1.63) 41.4
23
J
2.062-16 UNS
(2.329) 59.16
2.125-16 UN
(2.531) 64.29
(1.88) 47.8
(1.63) 41.4
24
J
2.750-16 UN
(2.38) 60.5
(2.13) 54.1
25
A
.750-20 UNEF
(1.028) 26.11
.875-20 UNEF
(1.031) 25.19
(.75) 19.5
(.63) 16.0
M28840/25 90oEMI CONDUIT ADAPTER
M28840/25
16
W
A
DESIGNATION
DASH #
MATERIAL & FINISH
BACKSHELL STYLE
QPL: M28840/25
Commercial: IN28840/25
See Table A
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
L: Aluminum -Tin-Zinc, Non-Reflective
S: Aluminum -Zinc Nickel, Non-Reflective
A: EMI, Non-Environmental
B: EMI, Environmental



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25