Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2012IQT Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza TS2012IQT
Descripción Electrónicos  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012IQT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS2012IQT Datasheet HTML 21Page - STMicroelectronics TS2012IQT Datasheet HTML 22Page - STMicroelectronics TS2012IQT Datasheet HTML 23Page - STMicroelectronics TS2012IQT Datasheet HTML 24Page - STMicroelectronics TS2012IQT Datasheet HTML 25Page - STMicroelectronics TS2012IQT Datasheet HTML 26Page - STMicroelectronics TS2012IQT Datasheet HTML 27Page - STMicroelectronics TS2012IQT Datasheet HTML 28Page - STMicroelectronics TS2012IQT Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DocID14236 Rev 2
27/29
TS2012
Package information
29
Figure 48. QFN20 footprint recommendation
Table 10. QFN20 package mechanical data
Ref
Dimensions in mm
Dimensions in inches
Min
Typ
Max
Min
Typ
Max
A
0.8
0.9
1
0.031
0.035
0.039
A1
0.02
0.05
0.001
0.002
A2
0.65
1
0.026
0.039
A3
0.25
0.010
b
0.18
0.23
0.3
0.007
0.009
0.012
D
3.85
4
4.15
0.152
0.157
0.163
D2
2.6
0.102
E
3.85
4
4.15
0.152
0.157
0.163
E2
2.6
0.102
e
0.45
0.5
0.55
0.018
0.020
0.022
L
0.3
0.4
0.5
0.012
0.016
0.020
ddd
0.08
0.003
Table 11. QFN20 footprint data
Ref.
Dimensions in mm
Dimensions in inches
A
4.55
0.179
B
C
0.50
0.020
D
0.35
0.014
E
0.65
0.026
F
2.45
0.096
G
0.40
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29