Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7498L Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza TDA7498L
Descripción Electrónicos  80 watt 80 watt dual BTL class-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7498L_V01 Datasheet HTML 11Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 12Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 13Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 14Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 15Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 16Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 17Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 18Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
5.4
Input resistance and capacitance
The input impedance is set by an internal resistor Ri = 60 kΩ (typical). An input capacitor (Ci) is required to couple
the AC input signal.
The equivalent circuit and frequency response of the input components are shown in Figure 23. Input circuit and
frequency response. For Ci = 470 nF the high-pass filter cutoff frequency is below 20 Hz:
fC = 1 / (2 * π * Ri * Ci)
Figure 23. Input circuit and frequency response
5.5
Internal and external clocks
The clock of the class-D amplifier can be generated internally or can be driven by an external source.
If two or more class-D amplifiers are used in the same system, it is recommended that all devices operate at the
same clock frequency. This can be implemented by using one TDA7498L as master clock, while the other devices
are in slave mode, that is, externally clocked. The clock interconnect is via pin SYNCLK of each device. As
explained below, SYNCLK is an output in master mode and an input in slave mode.
5.5.1
Master mode (internal clock)
Using the internal oscillator, the output switching frequency, fSW, is controlled by the resistor, ROSC, connected to
pin ROSC:
fSW = 106 / [(ROSC * 16 + 182) * 4] kHz
where ROSC is in kΩ.
In master mode, pin SYNCLK is used as a clock output pin whose frequency is:
fSYNCLK = 2 * fSW
TDA7498L
Input resistance and capacitance
DS6539 - Rev 6
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com