| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5294IPFP Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5294IPFP Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 82 page ![]() Frame Clock FCLK Freq = fCLKIN/2 Input Clock CLKIN Freq = fCLKIN D11 (D0) Data bit in MSB First mode Data bit in LSB First mode Output Data CHnOUT B Byte-wise Input Signal ta Sample N td cycles latency D11 (D0) D10 (D1) D9 (D2) D8 (D3) D7 (D4) D6 (D5) Output Data CHnOUT A Byte-wise D5 (D6) D4 (D7) D3 (D8) D2 (D9) D1 (D10) D0 (D11) D7 (D4) D1 (D10) D6 (D5) D0 (D11) Sample N-1 D11 (D0) D10 (D1) D9 (D2) D8 (D3) D7 (D4) D6 (D5) D5 (D6) D4 (D7) D3 (D8) D2 (D9) D1 (D10) D0 (D11) D10 (D1) D8 (D3) D6 (D5) D4 (D7) D2 (D9) D0 (D11) D11 (D0) D9 (D2) D7 (D4) D5 (D6) D3 (D8) D1 (D10) D2 (D9) D3 (D8) D0 (D11) D1 (D10) Output Data CHnOUT B Bit-wise Output Data CHnOUT A Bit-wise D10 (D1) D8 (D3) D6 (D5) D4 (D7) D2 (D9) D0 (D11) D11 (D0) D9 (D2) D7 (D4) D5 (D6) D3 (D8) D1 (D10) D11 (D0) D10 (D1) D9 (D2) D8 (D3) D7 (D4) D6 (D5) D1 (D10) D0 (D11) Output Data CHnOUT B Word-wise (Sample N) Output Data CHnOUT A Word-wise (Sample N-1) D5 (D6) D4 (D7) D3 (D8) D2 (D9) D1 (D10) D0 (D11) D11 (D0) D10 (D1) D9 (D2) D8 (D3) D7 (D4) D6 (D5) D1 (D10) D0 (D11) D5 (D6) D4 (D7) D3 (D8) D2 (D9) D1 (D10) D0 (D11) 48 ADS5294 SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 www.ti.com Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated 9.6.1.5 Bit-Byte-Word Wise Output Table 11. Bit-Byte-Word Wise Output ADDR. (HEX) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME 28 x EN_BITORDER 1 x BIT_WISE 1 X X X X X X X X EN_WORDWISE_BY_CH<7 :> Register 0x28 selects the LVDS ADC output as bit-wise, byte-wise, or word-wise in the 2-wire mode. Figure 53 and Figure 54 show the details. Figure 53. 12-Bit Word Wise |