| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M28840/20CE1DAS1 Datasheet(PDF) 9 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20CE1DAS1 Datasheet(HTML) 9 Page - Amphenol PCD, Inc |
|
9 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 16 17 TABLE A Backshell Shell Size DASH # Military Shell Size Shell Size X Ref. Dimension Y Ref. Dimension H Max. Style A N Max. Style B A 01 A 11 (1.281) 32.54 (.938) 23.82 (5.332) 134.43 (2.962) 75.23 A 02 B 13 (.938) 23.82 (5.332) 134.43 (2.962) 75.23 B 03 B 13 (1.125) 28.57 (5.332) 34.43 (2.962 75.23 A 04 C 15 (.938) 23.82 (5.457) 138.61 (3.087) 78.41 B 05 C 15 (1.125) 28.57 (5.457) 138.61 (3.087) 78.41 C 06 C 15 (1.312) 33.32 (5.457) 138.61 (3.087) 78.41 D 07 C 15 (1.593) 40.62 (5.682) 144.32 (3.312) 84.12 A 08 D 17 (1.312) 33.32 (5.682) 144.32 (3.312) 84.12 B 09 D 17 (1.312) 33.32 (1.593) 40.62 (5.713) 145.11 (3.343) 84.91 C 10 D 17 (1.406) 35.71 (1.750) 44.45 (5.807) 147.50 (3.437) 87.30 A 11 E 19 (1.281) 32.54 (1.312) 33.32 (5.682) 144.32 (3.312) 84.12 B 12 E 19 (1.406) 35.71 (1.750) 44.45 (5.832) 148.13 (3.462) 87.93 A 13 F 23 (1.312) 33.32 (1.593) 40.62 (5.738) 145.28 (3.36x=) 85.55 B 14 F 23 (1.406) 35.71 (1.750) 44.45 (5.832) 148.13 (3.462) 87.93 C 15 F 23 (1.593) 40.46 (2.093) 53.16 (6.019) 152.88 (3.649) 92.68 A 16 G 25 (1.406) 35.71 (1.750) 44.45 (5.832) 148.13 (3.462) 87.93 B 17 G 25 (1.593) 40.46 (2.093) 53.16 (6.019) 152.88 (3.649) 92.68 C 18 G 25 (1.593) 40.46 (2.093) 53.16 (6.144) 156.06 (3.774) 95.86 D 19 G 25 (1.625) 41.28 (2.343) 59.51 (6.176) 156.87 (3.806) 96.62 A 20 H 29 (1.593) 40.46 (2.093) 53.16 (6.144) 156.06 (3.774) 95.86 B 21 H 29 (1.625) 41.28 (2.343) 59.51 (6.176) 156.87 (3.806) 96.62 A 22 J 33 (1.625) 41.28 (2.343) 59.51 (6.426) 163.22 (4.056) 103.02 A 23 J 33 (1.900) 48.26 (2.750) 59.85 (6.701) 170.21 (4.33) 110.01 B 24 A 11 (1.281) 32.54 (1.125) 28.57 (5.332) 135.43 (2.962) 75.23 C 25 A 11 (1.312) 33.32 (5.457) 138.61 (3.087) 78.41 C 26 B 13 (5.457) 138.61 (3.087) 78.41 C 27 B 13 (5.682) 144.32 (3.312) 84.12 B 28 C 15 (5.682) 144.32 (3.312) 84.12 M28840/8 90o EMI/RFI ENVIRONMENTAL BACKSHELL TABLE A Backshell Shell Size DASH # Military Shell Size Shell Size Cable Enrty E Max. F Max. V Thread Class 2 Min. Max. A 01 A 11 (.188) 4.77 (.312) 7.92 (1.156) 29.36 (2.614) 66.40 .625-24 UNEF A 02 B 13 (.188) 4.77 (.312) 7.92 .625-24 UNEF B 03 B 13 (.281) 7.14 (.438) 11.12 .750-20 UNEF A 04 C 15 (.188) 4.77 (.312) 7.92 (1.281) 32.54 (2.864) 72.75 .625-24 UNEF B 05 C 15 (.281) 7.14 (.438) 11.12 .750-20 UNEF C 06 C 15 (.344) 8.74 (.562) 14.27 .875-20 UNEF D 07 C 15 (.438) 11.12 (.750) 19.05 (1.406) 35.71 (3.114) 79.10 1.188-18 UNEF A 08 D 17 (.375) 9.82 (.625) 15.87 1.000-20 UNEF B 09 D 17 (.438) 11.12 (.750) 19.05 1.188-18 UNEF C 10 D 17 (.625) 15.87 (.938) 23.82 (1.531) 38.89 1.438-18 UNEF A 11 E 19 (.375) 9.52 (.625) 15.87 ( 1.406) 35.71 1.00-20 UNEF B 12 E 19 (.625) 15.87 (.938) 23.82 (1.531) 38.89 (3.364) 85.45 1.438-18 UNEF A 13 F 23 (.438) 11.12 (.750) 19.05 (1.406) 25.71 1.188-18 UNEF B 14 F 23 (.625) 15.87 (.938) 23.82 (1.531) 38.89 1.438-18 UNEF C 15 F 23 (.812) 20.62 (1.188) 30.17 (1.781) 45.24 1.750-18 UNEF A 16 G 25 (.625) 15.87 (.938) 23.82 (1.531) 38.89 1.438-18 UNEF B 17 G 25 (.812) 20.62 (1.188) 30.17 (1.781) 45.24 1.750-18 UNS C 18 G 25 (.875) 22.23 (1.250) 31.75 D 19 G 25 (1.000) 25.40 (1.380) 35.05 (2.156) 54.76 (3.614) 91.80 2.000-16 UNS A 20 H 29 (.812) 20.62 (1.188) 30.17 (1.781) 45.24 1.750-18 UNS B 21 H 29 (1.000)25.40 (1.380) 35.05 (2.156) 54.76 2.000-18 UNS A 23 J 33 (1.380) 35.05 (1.000) 25.40 (2.281) 57.94 (4.114) 104.50 2.000-18 UNS B 24 A 11 (1.625) 41.26 (1.250) 31.75 2.250-16 UNS C 25 A 11 (.438) 11.12 (.281) 7.14 (1.156) 29.36 (2.614) 66.40 .750-20 UNEF C 26 B 13 (.562) 14.27 (.344) 8.74 (1.281) 32.54 (2.864) 72.75 .875-20 UNEF D 27 B 13 (.562) 14.27 (.344) 8.74 E 28 C 15 (.625) 15.87 (.375) 9.52 (1.406) 35.71 (3.114) 79.10 1.000-20 UNEF TABLE A Backshell Shell Size DASH # Military Shell Size A Thread Class 2B B Ø Max. C Ø Max. D Max. A 01 A .750-20 UNEF (1.028) 26.11 (1.188) 30.18 (1.031) 26.19 A 02 B .875-20 UNEF (1.141) 28.98 B 03 B A 04 C 1.00-20 UNEF (1.263) 32.08 (1.438) 36.53 (1.156) 29.36 B 05 C C 06 C D 07 C (1.688) 42.88 (1.281) 32.54 A 08 D 1.125-18 UNEF (1.387) 35.23 B 09 D C 10 D A 11 E 1.250-18 UNEF (1.513) 38.43 B 12 E (1.938) 49.23 (1.406) 35.71 A 13 F 1.438-18 UNEF (1.703) 43.51 B 14 F C 15 F A 16 G 1.562-18 UNEF (1.825) 46.35 B 17 G C 18 G (2.188) 55.58 (1.531) 38.89 D 19 G A 20 H 1.875-16 UN (2.143) 54.43 B 21 H A 22 J 2.062-16 UNEF (2.329) 59.16 (2.688) 68.28 (1.781) 45.24 B 23 J B 24 A .750-20 UNEF (1.028) 26.11 (1.188) 30.18 (1.031) 26.19 C 25 A (1.438) 36.53 (1.156) 29.36 C 26 B .875-20 UNEF (1.141) 28.98 (1.156) 29.36 D 27 B (1.688) 42.88 (1.281) 32.54 E 28 C 1.000-20 UNEF (1.263) 32.08 M28840/9 45o EMI/RFI ENVIRONMENTAL BACKSHELL M28840/9 16 W A DESIGNATION DASH # MATERIAL & FINISH BACKSHELL STYLE QPL: M28840/9 Commercial: IN28840/9 See Table A W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) A: EMI Environmental B: Environmental |