| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DFR338 Datasheet(PDF) 1 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR338 Datasheet(HTML) 1 Page - DFROBOT |
|
1 / 9 page ![]() IO expansion board for Edison SKU: DFR338 Contents 1 Introduction 2 Application 3 Pinout Diagram 4 Tutorial 4.1 IO expansion board for Edison Quick Start 4.1.1 The Construction of the Hardware Environment 4.1.1.1 Hardware Connection Diagram 4.1.2 The Construction of the Software Environment 4.1.2.1 Software Environment 4.1.2.2 Operating System 4.1.2.3 Compile Environment Introduction IO expansion board for Edison is a multi-purpose, all-in-one development platform based on Intel Edison and Arduino SoC. IO expansion board for Edison is compatible with Arduino open source platform and Linux, and supports Java and C development environment. It can also be used as a standalone communication platform for software like flash, processing, Max/MSP and VVVV. |
Número de pieza similar - DFR338 |
|
Descripción similar - DFR338 |