Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DFR0306 Datasheet(PDF) 4 Page - DFROBOT

No. de pieza DFR0306
Descripción Electrónicos  Bluno Mega 1280 (SKU:DFR0306)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DFROBOT [DFROBOT]
Página de inicio  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0306 Datasheet(HTML) 4 Page - DFROBOT

  DFR0306 Datasheet HTML 1Page - DFROBOT DFR0306 Datasheet HTML 2Page - DFROBOT DFR0306 Datasheet HTML 3Page - DFROBOT DFR0306 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tutorial
More advantages
Compared with the first Bluetooth 4.0 integrated Arduino board , Bluno, Bluno Mega1280 not only
inherits the advantages of this Bluetooth 4.0 wireless communication function, but also enables more
digital and analog ports allowing bigger code storage space. That is to say, you can use Bluno
Mega1280 to make more functional DIY works. Also improvement has been done on power supply,
with the power input range widened to 5-23V. The board output current capacity has also been
greatly increased to 2A (using DC2.1 port to supply power), which is even more fortunate.It means
Bluno Mega1280 is able to connect more external sensor modules concurrently. The shield interface
is compatible with the Arduino shield interface, as it was priviously. Yes, it will undoubtly become a
powerful core board for making creative DIY works.
The serial port using
Bluno Mega1280 and Mega1280 have the same serial port configuration, with only adding a serial
port for Bluetooth 4.0 wireless passthrough. Bluno Mega1280 has four serial ports, allowing
concurrently connecting 4 communication modules.
Arduino language provides some functions that can be used for operating Bluno Mega1280 serial
ports. Taking Serial port 0 as an example, the operation functions are Serial.begin (), Serial.read(),
Serial.print() and Serial.println(). The other three serial port usages are the same as Serial port 0,
like that all the operations functions of Serial port 2 are serial2.begin(), serial2.read(), serial2.print()
and serial2.println().
Sample for Bluno Mega1280 connecting to smart phones
Please refer to Sample for Bluno connecting to smart phones
Wireless programming via BLE
Please refer to Wireless programming via BLE of Bluno
BLE firmware update of Bluno mega1280 ("AT + VERSION" to check the vertion)
Please refer to BLE firmware update of Bluno
Powered By DFRobot © 2008-2017



Html Pages

1 2 3 4