| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC24FJ64GA006 Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA006 Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 6 page ![]() Product Pins Flash Kbytes SRAM Bytes Output Comp. PWM Real Time Clock Calendar A/D 10-bit 500 kSPS A/D 12-bit 500 kSPS Parallel Master Port PIC24F Family – 16 MIPS, Lowest Cost PIC24FJ64GA006 64 64 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ64GA008 80 64 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ64GA010 100 64 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ96GA006 64 96 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ96GA008 80 96 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ96GA010 100 96 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ128GA006 64 128 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ128GA008 80 128 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24FJ128GA010 100 128 8 5 5 5 Y 16 - 2 2 2 - Y Y PIC24H Family – 40 MIPS, Highest Performance PIC24HJ64GP206 64 64 8 9 8 8 - * 18 2 2 1 - - Y PIC24HJ64GP210 100 64 8 9 8 8 - * 32 2 2 2 - - Y PIC24HJ64GP506 64 64 8 9 8 8 - * 18 2 2 2 1 - Y PIC24HJ64GP510 100 64 8 9 8 8 - * 32 2 2 2 1 - Y PIC24HJ128GP206 64 128 8 9 8 8 - * 18 2 2 2 - - Y PIC24HJ128GP210 100 128 8 9 8 8 - * 32 2 2 2 - - Y PIC24HJ128GP306 64 128 16 9 8 8 - * 18 2 2 2 - - Y PIC24HJ128GP310 100 128 16 9 8 8 - * 32 2 2 2 - - Y PIC24HJ128GP506 64 128 8 9 8 8 - * 18 2 2 2 1 - Y PIC24HJ128GP510 100 128 8 9 8 8 - * 32 2 2 2 1 - Y PIC24HJ256GP206 64 256 16 9 8 8 - * 18 2 2 2 - - Y PIC24HJ256GP210 100 256 16 9 8 8 - * 32 2 2 2 - - Y PIC24HJ256GP610 100 256 16 9 8 8 - * 2 x 32 2 2 2 2 - Y Roadmap for Growing Application Needs The need to provide cost-effective, compatible product families to embedded control engineers has always been at the core of Microchip’s strategy. The addition of the PIC24 16-bit product line provides an effective migration path for current 8-bit designers as their design requirements grow. The PIC24 family also provides competitive alternatives to new customers who are looking for 16-bit microcontroller suppliers with a proven track record of innovation, a broad portfolio of products that are easy to use, and outstanding development tools and support to ensure their success. As the PIC24 family grows, additional peripheral support is planned including integrated Ethernet, USB and Display capabilities. *PIC24H features a user selectable 500 ksps 12-bit A/D or 1.1 Msps 10-bit A/D PIC24 Product Family |