| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STMP30 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMP30 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 32 page ![]() 11 POWER MANAGEMENT SUBSYSTEM BILL OF MATERIAL STWBC2-HP (TX) STWBC86 (TX) STWLC38 (RX) STWLC98 (RX) STWLC99* (RX) STM8s ESDA25P35-1U1M TCPP01-M12 Wireless charging Protection MCU STSWC58* STSWC68* Switch capacitor charger Almost all OEMs have their own fast charging protocol (see figure below). ST can support this requirement with dedicated MCUs (8-bit or 32-bit) for the implementation of each protocol. Furthermore, the new Switched Capacitor Charger family enables fast charging with the state-of-the-art efficiency performance supporting both wired and wireless battery charging functions. Vbat Application processor Power domain USB type-C MCU Wireless charging Battery charger Protection Protection POWER MANAGEMENT SUBSYSTEM BLOCK DIAGRAM Note *: Product not released yet. Please contact the the local sales representative |