| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PDIP46T5X Datasheet(PDF) 22 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
PDIP46T5X Datasheet(HTML) 22 Page - Banner Engineering Corp. |
|
22 / 42 page ![]() Fiber Systems 184 More information online at bannerengineering.com Plastic Fiber Optics Indicates fiber can be Free Cut using Fiber Cutter. See page 197. NA: WORLD-BEAM QS18 not recommended. WORLD-BEAM® QS18 MINI-BEAM® Expert™ Discrete Bargraph Super High Speed High Speed High Power Super High Power D10 SERIES FI22 0.25 8 PBF16U Detailed Dimensions Online 2X ø 1.0 polyethylene 16.0 2000 ø 3.0 stainless steel 525 10 15 20 30 • Smooth ferrule 0.5 12 PBF26U Detailed Dimensions Online 2X ø 1.0 polyethylene 16.0 2000 ø 4.1 stainless steel 20 140 40 60 80 100 120 160 • Smooth ferrule 1.0 25 PBF46U Detailed Dimensions Online 2X ø 2.2 polyethylene stainless steel 17.0 2000 ø 5.1 50 250 100 150 200 300 • Smooth ferrule 1.0 25 PBF46UM3MJ1.3 Detailed Dimensions Online 2X ø 1.3 polyethylene stainless steel 17.0 2000 ø 3.0 50 250 100 150 200 300 • Smooth ferrule; thin jacket (ø 1.3) 1.5 38 PBF66U Detailed Dimensions Online 2X ø 2.2 polyethylene stainless steel 17.0 2000 ø 5.1 100 400 200 300 500 • Smooth ferrule; long range 0.25 8 PBFM16U Detailed Dimensions Online 2X ø 1.0 polyethylene 15.0 15.0 2000 M3 x 0.5 stainless steel ø 0.5 stainless steel (non-bendable) ferrule 525 10 15 20 30 • Non-bendable miniature tip 1.0 25 PBFM46U Detailed Dimensions Online 2X ø 2.2 polyethylene stainless steel 14.0 17.0 2000 ø 5.1 ø 3.05 50 250 100 150 200 300 • Smooth ferrule 0.25 8 PBT16U Detailed Dimensions Online 2X ø 1.0 polyethylene 11.0 2000 M3 x 0.5 stainless steel 525 10 15 20 30 • Thread 0.5 12 PBT26U Detailed Dimensions Online 2X ø 1.0 polyethylene 11.0 2000 M3 x 0.5 nickel plated brass 20 140 40 60 80 100 120 160 • Thread 1.0 25 PBT46U Detailed Dimensions Online ø 4.0 2X ø 2.2 polyethylene 14.0 3.0 2000 M6 x 0.75 nickel plated brass 50 250 100 150 200 300 • Thread 1.5 38 PBT66U Detailed Dimensions Online ø 4.0 2X ø 2.2 polyethylene 14.0 3.0 2000 M6 x 0.75 nickel plated brass 100 400 200 300 500 • Thread; long range CORE DIA. MIN. BEND MODEL NUMBER DRAWING & DIMENSIONS (mm) RADIUS (mm) FEATURES TYPICAL RANGE (mm) |